Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 128Page - Renesas Technology Corp SH7041A Datasheet HTML 129Page - Renesas Technology Corp SH7041A Datasheet HTML 130Page - Renesas Technology Corp SH7041A Datasheet HTML 131Page - Renesas Technology Corp SH7041A Datasheet HTML 132Page - Renesas Technology Corp SH7041A Datasheet HTML 133Page - Renesas Technology Corp SH7041A Datasheet HTML 134Page - Renesas Technology Corp SH7041A Datasheet HTML 135Page - Renesas Technology Corp SH7041A Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 923 page
background image
94
5.4.1
Interrupt Priority Level
The interrupt priority order is predetermined. When multiple interrupts occur simultaneously
(overlap), the interrupt controller (INTC) determines their relative priorities and starts up
processing according to the results.
The priority order of interrupts is expressed as priority levels 0–16, with priority 0 the lowest and
priority 16 the highest. The NMI interrupt has priority 16 and cannot be masked, so it is always
accepted. The user break interrupt priority level is 15. IRQ interrupts and on-chip peripheral
module interrupt priority levels can be set freely using the INTC’s interrupt priority level setting
registers A through H (IPRA–IPRH) as shown in table 5.8. The priority levels that can be set are
0–15. Level 16 cannot be set. See section 6.3.1, Interrupt Priority Registers A-H (IPRA-IPRH), for
more information on IPRA to IPRH.
Table 5.8
Interrupt Priority Order
Type
Priority Level
Comment
NMI
16
Fixed priority level. Cannot be masked.
User break
15
Fixed priority level.
IRQ
0–15
Set with interrupt priority level setting registers A
through H (IPRA–IPRH).
On-chip peripheral module
0–15
Set with interrupt priority level setting registers A
through H (IPRA–IPRH).
5.4.2
Interrupt Exception Processing
When an interrupt occurs, its priority level is ascertained by the interrupt controller (INTC). NMI
is always accepted, but other interrupts are only accepted if they have a priority level higher than
the priority level set in the interrupt mask bits (I3–I0) of the status register (SR).
When an interrupt is accepted, exception processing begins. In interrupt exception processing, the
CPU saves SR and the program counter (PC) to the stack. The priority level value of the accepted
interrupt is written to SR bits I3–I0. For NMI, however, the priority level is 16, but the value set in
I3–I0 is H'F (level 15). Next, the start address of the exception service routine is fetched from the
exception processing vector table for the accepted interrupt, that address is jumped to and
execution begins. See section 6.4, Interrupt Operation, for more information on the interrupt
exception processing.
5.5
Exceptions Triggered by Instructions
Exception processing can be triggered by trap instructions, general illegal instructions, and illegal
slot instructions, as shown in table 5.9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com