Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 129Page - Renesas Technology Corp SH7041A Datasheet HTML 130Page - Renesas Technology Corp SH7041A Datasheet HTML 131Page - Renesas Technology Corp SH7041A Datasheet HTML 132Page - Renesas Technology Corp SH7041A Datasheet HTML 133Page - Renesas Technology Corp SH7041A Datasheet HTML 134Page - Renesas Technology Corp SH7041A Datasheet HTML 135Page - Renesas Technology Corp SH7041A Datasheet HTML 136Page - Renesas Technology Corp SH7041A Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 923 page
background image
95
Table 5.9
Types of Exceptions Triggered by Instructions
Type
Source Instruction
Comment
Trap instructions
TRAPA
—
Illegal slot
instructions
Undefined code placed
immediately after a delayed
branch instruction (delay slot)
and instructions that rewrite the
PC
Delayed branch instructions: JMP, JSR,
BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF,
BRAF
Instructions that rewrite the PC: JMP, JSR,
BRA, BSR, RTS, RTE, BT, BF, TRAPA,
BF/S, BT/S, BSRF, BRAF
General illegal
instructions
Undefined code anywhere
besides in a delay slot
—
5.5.1
Trap Instructions
When a TRAPA instruction is executed, trap instruction exception processing starts up. The CPU
operates as follows:
1. The status register (SR) is saved to the stack.
2. The program counter (PC) is saved to the stack. The PC value saved is the start address of the
instruction to be executed after the TRAPA instruction.
3. The exception service routine start address is fetched from the exception processing vector
table that corresponds to the vector number specified in the TRAPA instruction. That address
is jumped to and the program starts executing. The jump that occurs is not a delayed branch.
5.5.2
Illegal Slot Instructions
An instruction placed immediately after a delayed branch instruction is said to be placed in a delay
slot. When the instruction placed in the delay slot is undefined code, illegal slot exception
processing starts up when that undefined code is decoded. Illegal slot exception processing also
starts up when an instruction that rewrites the program counter (PC) is placed in a delay slot. The
processing starts when the instruction is decoded. The CPU handles an illegal slot instruction as
follows:
1. The status register (SR) is saved to the stack.
2. The program counter (PC) is saved to the stack. The PC value saved is the jump address of the
delayed branch instruction immediately before the undefined code or the instruction that
rewrites the PC.
3. The exception service routine start address is fetched from the exception processing vector
table that corresponds to the exception that occurred. That address is jumped to and the
program starts executing. The jump that occurs is not a delayed branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com