Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 133Page - Renesas Technology Corp SH7041A Datasheet HTML 134Page - Renesas Technology Corp SH7041A Datasheet HTML 135Page - Renesas Technology Corp SH7041A Datasheet HTML 136Page - Renesas Technology Corp SH7041A Datasheet HTML 137Page - Renesas Technology Corp SH7041A Datasheet HTML 138Page - Renesas Technology Corp SH7041A Datasheet HTML 139Page - Renesas Technology Corp SH7041A Datasheet HTML 140Page - Renesas Technology Corp SH7041A Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 923 page
background image
99
Section 6 Interrupt Controller (INTC)
6.1
Overview
The interrupt controller (INTC) ascertains the priority of interrupt sources and controls interrupt
requests to the CPU. The INTC has registers for setting the priority of each interrupt which can be
used by the user to order the priorities in which the interrupt requests are processed.
6.1.1
Features
The INTC has the following features:
• 16 levels of interrupt priority: By setting the eight interrupt-priority level registers, the
priorities of IRQ interrupts and on-chip peripheral module interrupts can be set in 16 levels for
different request sources.
• NMI noise canceler function: NMI input level bits indicate the NMI pin status. By reading
these bits with the interrupt exception service routine, the pin status can be confirmed, enabling
it to be used as a noise canceler.
• Notification of interrupt occurrence can be reported externally (IRQOUT pin). For example, it
is possible to request bus rights if an external bus master is informed that a peripheral module
interrupt has occurred when the LSI has released the bus rights.
6.1.2
Block Diagram
Figure 6.1 is a block diagram of the INTC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com