Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 137Page - Renesas Technology Corp SH7041A Datasheet HTML 138Page - Renesas Technology Corp SH7041A Datasheet HTML 139Page - Renesas Technology Corp SH7041A Datasheet HTML 140Page - Renesas Technology Corp SH7041A Datasheet HTML 141Page - Renesas Technology Corp SH7041A Datasheet HTML 142Page - Renesas Technology Corp SH7041A Datasheet HTML 143Page - Renesas Technology Corp SH7041A Datasheet HTML 144Page - Renesas Technology Corp SH7041A Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 923 page
background image
103
6.2.4
On-Chip Peripheral Module Interrupts
On-chip peripheral module interrupts are interrupts generated by the following on-chip peripheral
modules:
• Direct memory access controller (DMAC)
• Multifunction timer/pulse unit (MTU)
• Compare match timer (CMT)
• Serial communications interface (SCI)
• A/D converter (A/D)
• Data transfer controller (DTC)
• Watchdog timer (WDT)
• Bus state controller (BSC)
• I/O port (I/O)
A different interrupt vector is assigned to each interrupt source, so the exception service routine
does not have to decide which interrupt has occurred. Priority levels between 0 and 15 can be
assigned to individual on-chip peripheral modules in interrupt priority registers C–H (IPRC–
IPRH).
On-chip peripheral module interrupt exception processing sets the interrupt mask level bits (I3–I0)
in the status register (SR) to the priority level value of the on-chip peripheral module interrupt that
was accepted.
6.2.5
Interrupt Exception Vectors and Priority Rankings
Table 6.3 lists interrupt sources and their vector numbers, vector table address offsets and interrupt
priorities.
Each interrupt source is allocated a different vector number and vector table address offset. Vector
table addresses are calculated from vector numbers and address offsets. In interrupt exception
processing, the exception service routine start address is fetched from the vector table indicated by
the vector table address. See table 5.4, Calculating Exception Processing Vector Table Addresses.
IRQ interrupts and on-chip peripheral module interrupt priorities can be set freely between 0 and
15 for each pin or module by setting interrupt priority registers A–H (IPRA–IPRH). The ranking
of interrupt sources for IPRC–IPRH, however, must be the order listed under Priority Order
Within IPR Setting Range in table 6.3 and cannot be changed. A power-on reset assigns priority
level 0 to IRQ interrupts and on-chip peripheral module interrupts. If the same priority level is
assigned to two or more interrupt sources and interrupts from those sources occur simultaneously,
their priority order is the default priority order indicated at the right in table 6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com