Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 135Page - Renesas Technology Corp SH7041A Datasheet HTML 136Page - Renesas Technology Corp SH7041A Datasheet HTML 137Page - Renesas Technology Corp SH7041A Datasheet HTML 138Page - Renesas Technology Corp SH7041A Datasheet HTML 139Page - Renesas Technology Corp SH7041A Datasheet HTML 140Page - Renesas Technology Corp SH7041A Datasheet HTML 141Page - Renesas Technology Corp SH7041A Datasheet HTML 142Page - Renesas Technology Corp SH7041A Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 923 page
background image
101
6.1.3
Pin Configuration
Table 6.1 shows the INTC pin configuration.
Table 6.1
Pin Configuration
Name
Abbreviation
I/O
Function
Non-maskable interrupt input pin
NMI
I
Input of non-maskable interrupt
request signal
Interrupt request input pins
IRQ0–IRQ7
I
Input of maskable interrupt request
signals
Interrupt request output pin
IRQOUT
O
Output of notification signal when an
interrupt has occurred
6.1.4
Register Configuration
The INTC has the 10 registers shown in table 6.2. These registers set the priority of the interrupts
and control external interrupt input signal detection.
Table 6.2
Register Configuration
Name
Abbr.
R/W
Initial Value Address
Access Sizes
Interrupt priority register A
IPRA
R/W
H'0000
H'FFFF8348
8, 16, 32
Interrupt priority register B
IPRB
R/W
H'0000
H'FFFF834A
8, 16, 32
Interrupt priority register C
IPRC
R/W
H'0000
H'FFFF834C
8, 16, 32
Interrupt priority register D
IPRD
R/W
H'0000
H'FFFF834E
8, 16, 32
Interrupt priority register E
IPRE
R/W
H'0000
H'FFFF8350
8, 16, 32
Interrupt priority register F
IPRF
R/W
H'0000
H'FFFF8352
8, 16, 32
Interrupt priority register G
IPRG
R/W
H'0000
H'FFFF8354
8, 16, 32
Interrupt priority register H
IPRH
R/W
H'0000
H'FFFF8356
8, 16, 32
Interrupt control register
ICR
R/W
*1
H'FFFF8358
8, 16, 32
IRQ status register
ISR
R(W)*
2
H'0000
H'FFFF835A
8, 16, 32
Notes: *1 The value when the NMI pin is high is H'8000; when the NMI pin is low, it is H'0000.
*2 Only 0 can be written, in order to clear flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com