Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 155Page - Renesas Technology Corp SH7041A Datasheet HTML 156Page - Renesas Technology Corp SH7041A Datasheet HTML 157Page - Renesas Technology Corp SH7041A Datasheet HTML 158Page - Renesas Technology Corp SH7041A Datasheet HTML 159Page - Renesas Technology Corp SH7041A Datasheet HTML 160Page - Renesas Technology Corp SH7041A Datasheet HTML 161Page - Renesas Technology Corp SH7041A Datasheet HTML 162Page - Renesas Technology Corp SH7041A Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 923 page
background image
121
Table 7.1
Register Configuration
Name
Abbr.
R/W
Initial
Value
Address
Access
Size
User break address register H
UBARH
R/W
H'0000
H'FFFF8600 8, 16, 32
User break address register L
UBARL
R/W
H'0000
H'FFFF8602 8, 16, 32
User break address mask register H
UBAMRH
R/W
H'0000
H'FFFF8604 8, 16, 32
User break address mask register L
UBAMRL
R/W
H'0000
H'FFFF8606 8, 16, 32
User break bus cycle register
UBBR
R/W
H'0000
H'FFFF8608 8, 16, 32
7.2
Register Descriptions
7.2.1
User Break Address Register (UBAR)
The user break address register (UBAR) consists of user break address register H (UBARH) and
user break address register L (UBARL). Both are 16-bit readable/writable registers. UBARH
stores the upper bits (bits 31–16) of the address of the break condition, while UBARL stores the
lower bits (bits 15–0). Resets and hardware standbys initialize both UBARH and UBARL to
H'0000. They are not initialized in manual reset or software standby mode.
UBARH:
Bit:
15
14
13
12
11
10
9
8
UBARH
UBA31
UBA30
UBA29
UBA28
UBA27
UBA26
UBA25
UBA24
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
UBARH
UBA23
UBA22
UBA21
UBA20
UBA19
UBA18
UBA17
UBA16
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com