Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 157Page - Renesas Technology Corp SH7041A Datasheet HTML 158Page - Renesas Technology Corp SH7041A Datasheet HTML 159Page - Renesas Technology Corp SH7041A Datasheet HTML 160Page - Renesas Technology Corp SH7041A Datasheet HTML 161Page - Renesas Technology Corp SH7041A Datasheet HTML 162Page - Renesas Technology Corp SH7041A Datasheet HTML 163Page - Renesas Technology Corp SH7041A Datasheet HTML 164Page - Renesas Technology Corp SH7041A Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 923 page
background image
123
UBAMRL:
Bit:
15
14
13
12
11
10
9
8
UBAMRL
UBM15
UBM14
UBM13
UBM12
UBM11
UBM10
UBM9
UBM8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
UBAMRL
UBM7
UBM6
UBM5
UBM4
UBM3
UBM2
UBM1
UBM0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• UBAMRH Bits 15–0—User Break Address Mask 31–16 (UBM31–UBM16): These bits
designate whether to mask any of the break address 31–16 bits (UBA31–UBA16) established
in the UBARH.
• UBAMRL Bits 15–0—User Break Address Mask 15–0 (UBM15–UBM0): These bits
designate whether to mask any of the break address 15–0 bits (UBA15–UBA0) established in
the UBARL.
Bits 15–0: UBMn
Description
0
Break address UBAn is included in the break conditions (initial value)
1
Break address UBAn is not included in the break conditions
Note:
n = 31–0
7.2.3
User Break Bus Cycle Register (UBBR)
User break bus cycle register (UBBR) is a 16-bit readable/writable register that selects from
among the following four break conditions:
1. CPU cycle/ DMAC/DTC cycle
2. Instruction fetch/data access
3. Read/write
4. Operand size (byte, word, longword)
Resets and hardware standbys initialize the UBBR to H'0000. It is not initialized in software
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com