Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 160Page - Renesas Technology Corp SH7041A Datasheet HTML 161Page - Renesas Technology Corp SH7041A Datasheet HTML 162Page - Renesas Technology Corp SH7041A Datasheet HTML 163Page - Renesas Technology Corp SH7041A Datasheet HTML 164Page - Renesas Technology Corp SH7041A Datasheet HTML 165Page - Renesas Technology Corp SH7041A Datasheet HTML 166Page - Renesas Technology Corp SH7041A Datasheet HTML 167Page - Renesas Technology Corp SH7041A Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 923 page
background image
126
7.3
Operation
7.3.1
Flow of the User Break Operation
The flow from setting of break conditions to user break interrupt exception processing is described
below:
1. The user break addresses are set in the user break address register (UBAR), the desired masked
bits in the addresses are set in the user break address mask register (UBAMR) and the breaking
bus cycle type is set in the user break bus cycle register (UBBR). If even one of the three
groups of the UBBR’s CPU cycle/peripheral cycle select bits (CP1, CP0), instruction
fetch/data access select bits (ID1, ID0), and read/write select bits (RW1, RW0) is set to 00 (no
user break interrupt is generated), no user break interrupt will be generated even if all other
conditions are in agreement. When using user break interrupts, always be certain to establish
bit conditions for all of these three groups.
2. The UBC uses the method shown in figure 7.2 to judge whether set conditions have been
fulfilled. When the set conditions are satisfied, the UBC sends a user break interrupt request
signal to the interrupt controller (INTC).
3. The interrupt controller checks the accepted user break interrupt request signal’s priority level.
The user break interrupt has priority level 15, so it is accepted only if the interrupt mask level
in bits I3–I0 in the status register (SR) is 14 or lower. When the I3–I0 bit level is 15, the user
break interrupt cannot be accepted but it is held pending until user break interrupt exception
processing can be carried out. Consequently, user break interrupts within NMI exception
service routines cannot be accepted, since the I3–I0 bit level is 15. However, if the I3–I0 bit
level is changed to 14 or lower at the start of the NMI exception service routine, user break
interrupts become acceptable thereafter. Section 6, Interrupt Controller (INTC), describes the
handling of priority levels in greater detail.
4. The INTC sends the user break interrupt request signal to the CPU, which begins user break
interrupt exception processing upon receipt. See Section 6.4, Interrupt Operation, for details on
interrupt exception processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com