Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 162Page - Renesas Technology Corp SH7041A Datasheet HTML 163Page - Renesas Technology Corp SH7041A Datasheet HTML 164Page - Renesas Technology Corp SH7041A Datasheet HTML 165Page - Renesas Technology Corp SH7041A Datasheet HTML 166Page - Renesas Technology Corp SH7041A Datasheet HTML 167Page - Renesas Technology Corp SH7041A Datasheet HTML 168Page - Renesas Technology Corp SH7041A Datasheet HTML 169Page - Renesas Technology Corp SH7041A Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 923 page
background image
128
7.3.2
Break on On-Chip Memory Instruction Fetch Cycle
On-chip memory (on-chip ROM and/or RAM) is always accessed as 32 bits in 1 bus cycle.
Therefore, 2 instructions can be retrieved in 1 bus cycle when fetching instructions from on-chip
memory. At such times, only 1 bus cycle is generated, but by setting the start addresses of both
instructions in the user break address register (UBAR) it is possible to cause independent breaks.
In other words, when wanting to effect a break using the latter of two addresses retrieved in 1 bus
cycle, set the start address of that instruction in UBAR. The break will occur after execution of the
former instruction.
7.3.3
Program Counter (PC) Values Saved
Break on Instruction Fetch (Before Execution): The program counter (PC) value saved to the
stack in user break interrupt exception processing is the address that matches the break condition.
The user break interrupt is generated before the fetched instruction is executed. If a break
condition is set in an instruction fetch cycle placed immediately after a delayed branch instruction
(delay slot), or on an instruction that follows an interrupt-disabled instruction, however, the user
break interrupt is not accepted immediately, but the break condition establishing instruction is
executed. The user break interrupt is accepted after execution of the instruction that has accepted
the interrupt. In this case, the PC value saved is the start address of the instruction that will be
executed after the instruction that has accepted the interrupt.
Break on Data Access (CPU/Peripheral): The program counter (PC) value is the top address of
the next instruction after the last instruction executed before the user break exception processing
started. When data access (CPU/peripheral) is set as a break condition, the place where the break
will occur cannot be specified exactly. The break will occur at the instruction fetched close to
where the data access that is to receive the break occurs.
7.4
Use Examples
7.4.1
Break on CPU Instruction Fetch Cycle
1. Register settings:
UBARH = H'0000
UBARL = H'0404
UBBR = H'0054
Conditions set:
Address: H'00000404
Bus cycle: CPU, instruction fetch, read
(operand size not included in conditions)
A user break interrupt will occur before the instruction at address H'00000404. If it is possible for
the instruction at H'00000402 to accept an interrupt, the user break exception processing will be
executed after execution of that instruction. The instruction at H'00000404 is not executed. The
PC value saved is H'00000404.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com