Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 163Page - Renesas Technology Corp SH7041A Datasheet HTML 164Page - Renesas Technology Corp SH7041A Datasheet HTML 165Page - Renesas Technology Corp SH7041A Datasheet HTML 166Page - Renesas Technology Corp SH7041A Datasheet HTML 167Page - Renesas Technology Corp SH7041A Datasheet HTML 168Page - Renesas Technology Corp SH7041A Datasheet HTML 169Page - Renesas Technology Corp SH7041A Datasheet HTML 170Page - Renesas Technology Corp SH7041A Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 923 page
background image
129
2. Register settings:
UBARH = H'0015
UBARL = H'389C
UBBR = H'0058
Conditions set:
Address: H'0015389C
Bus cycle: CPU, instruction fetch, write
(operand size not included in conditions)
A user break interrupt does not occur because the instruction fetch cycle is not a write cycle.
3. Register settings:
UBARH = H'0003
UBARL = H'0147
UBBR = H'0054
Conditions set:
Address: H'00030147
Bus cycle: CPU, instruction fetch, read
(operand size not included in conditions)
A user break interrupt does not occur because the instruction fetch was performed for an even
address. However, if the first instruction fetch address after the branch is an odd address set by
these conditions, user break interrupt exception processing will be done after address error
exception processing.
7.4.2
Break on CPU Data Access Cycle
1. Register settings:
UBARH = H'0012
UBARL = H'3456
UBBR = H'006A
Conditions set:
Address: H'00123456
Bus cycle: CPU, data access, write, word
A user break interrupt occurs when word data is written into address H'00123456.
2. Register settings:
UBARH = H'00A8
UBARL = H'0391
UBBR = H'0066
Conditions set:
Address: H'00A80391
Bus cycle: CPU, data access, read, word
A user break interrupt does not occur because the word access was performed on an even address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com