Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 168 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 164Page - Renesas Technology Corp SH7041A Datasheet HTML 165Page - Renesas Technology Corp SH7041A Datasheet HTML 166Page - Renesas Technology Corp SH7041A Datasheet HTML 167Page - Renesas Technology Corp SH7041A Datasheet HTML 168Page - Renesas Technology Corp SH7041A Datasheet HTML 169Page - Renesas Technology Corp SH7041A Datasheet HTML 170Page - Renesas Technology Corp SH7041A Datasheet HTML 171Page - Renesas Technology Corp SH7041A Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 923 page
background image
130
7.4.3
Break on DMA/DTC Cycle
1. Register settings:
UBARH = H'0076
UBARL = H'BCDC
UBBR = H'00A7
Conditions set:
Address: H'0076BCDC
Bus cycle: DMA/DTC, data access, read, longword
A user break interrupt occurs when longword data is read from address H'0076BCDC.
2. Register settings:
UBARH = H'0023
UBARL = H'45C8
UBBR = H'0094
Conditions set:
Address: H'002345C8
Bus cycle: DMA/DTC, instruction fetch, read
(operand size not included in conditions)
A user break interrupt does not occur because no instruction fetch is performed in the DMA/DTC
cycle.
7.5
Cautions on Use
7.5.1
On-Chip Memory Instruction Fetch
Two instructions are simultaneously fetched from on-chip memory. If a break condition is set on
the second of these two instructions but the contents of the UBC break condition registers are
changed so as to alter the break condition immediately after the first of the two instructions is
fetched, a user break interrupt will still occur when the second instruction is fetched.
7.5.2
Instruction Fetch at Branches
When a conditional branch instruction or TRAPA instruction causes a branch, instructions are
fetched and executed as follows:
1. Conditional branch instruction, branch taken: BT, BF
Instruction fetch cycles: Conditional branch instruction fetch
→ Next-instruction overrun
fetch
→ Next-instruction overrun fetch → Branch destination instruction fetch
Instruction execution: Conditional branch instruction execution
→ Branch destination
instruction execution
2. TRAPA instruction, branch taken: TRAPA
Instruction fetch cycles: TRAPA instruction fetch
→ Next-instruction overrun fetch
→ Next-instruction overrun fetch → Branch destination instruction fetch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com