Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 158Page - Renesas Technology Corp SH7041A Datasheet HTML 159Page - Renesas Technology Corp SH7041A Datasheet HTML 160Page - Renesas Technology Corp SH7041A Datasheet HTML 161Page - Renesas Technology Corp SH7041A Datasheet HTML 162Page - Renesas Technology Corp SH7041A Datasheet HTML 163Page - Renesas Technology Corp SH7041A Datasheet HTML 164Page - Renesas Technology Corp SH7041A Datasheet HTML 165Page - Renesas Technology Corp SH7041A Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 923 page
background image
124
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
CP1
CP0
ID1
ID0
RW1
RW0
SZ1
SZ0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 15–8—Reserved: These bits always read as 0. The write value should always be 0.
• Bits 7 and 6—CPU Cycle/Peripheral Cycle Select (CP1, CP0): These bits designate break
conditions for CPU cycles or peripheral cycles (DMA/DTC cycles).
Bit 7: CP1
Bit 6: CP0
Description
0
0
No user break interrupt occurs (initial value)
1
Break on CPU cycles
1
0
Break on peripheral cycles
1
Break on both CPU and peripheral cycles
• Bits 5 and 4—Instruction Fetch/Data Access Select (ID1, ID0): These bits select whether to
break on instruction fetch and/or data access cycles.
Bit 5: ID1
Bit 4: ID0
Description
0
0
No user break interrupt occurs (initial value)
1
Break on instruction fetch cycles
1
0
Break on data access cycles
1
Break on both instruction fetch and data access cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com