Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 224Page - Renesas Technology Corp SH7041A Datasheet HTML 225Page - Renesas Technology Corp SH7041A Datasheet HTML 226Page - Renesas Technology Corp SH7041A Datasheet HTML 227Page - Renesas Technology Corp SH7041A Datasheet HTML 228Page - Renesas Technology Corp SH7041A Datasheet HTML 229Page - Renesas Technology Corp SH7041A Datasheet HTML 230Page - Renesas Technology Corp SH7041A Datasheet HTML 231Page - Renesas Technology Corp SH7041A Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 923 page
background image
190
10.4.2
Basic Timing
The SH7040 Series supports 2 CAS format DRAM access. The DRAM access basic timing is a
minimum of 3 cycles for normal mode. Figure 10.7 shows the basic DRAM access timing. DRAM
space access is controlled by
RAS, CASx, and RDWR signals. The following signals are
associated with transfer of these actual byte locations:
CASHH (bits 31–24), CASHL (bits 23–16),
CASH (bits 15–8), and CASL (bits 7–0). However, the signals for ordinary space, WRx and RD,
are also output during the DMAC single transfer column address cycle period. Tp is the precharge
cycle, Tr is the RAS assert cycle, Tc is the CAS assert cycle and Tc2 is the read data fetch cycle.
Tp
Tr
Tc1
Tc2
CK
Write
Read
Address
Data
RAS
CASx
RDWR
Data
RDWR
CASx
RAS
Row
Column
Figure 10.7 DRAM Bus Cycle (Normal Mode, TPC = 0, RCD = 0, No Waits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com