Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 226 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 226 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 222Page - Renesas Technology Corp SH7041A Datasheet HTML 223Page - Renesas Technology Corp SH7041A Datasheet HTML 224Page - Renesas Technology Corp SH7041A Datasheet HTML 225Page - Renesas Technology Corp SH7041A Datasheet HTML 226Page - Renesas Technology Corp SH7041A Datasheet HTML 227Page - Renesas Technology Corp SH7041A Datasheet HTML 228Page - Renesas Technology Corp SH7041A Datasheet HTML 229Page - Renesas Technology Corp SH7041A Datasheet HTML 230Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 923 page
background image
188
10.3.3
CS Assert Period Extension
Idle cycles can be inserted to prevent extension of the
RD signal or WRx signal assert period
beyond the length of the
CSn signal assert period by setting the SW3–SW0 bits of BCR2. This
allows for flexible interfaces with external circuitry. The timing is shown in figure 10.6. Th and Tf
cycles are added respectively before and after the ordinary cycle. Only
CSn is asserted in these
cycles;
RD and WRx signals are not. Further, data is extended up to the T
f cycle, which is
effective for gate arrays and the like, which have slower write operations.
Th
T1
CK
Read
Write
Address
CSn
RD
Data
WRx
Data
T2
Tf
DACK
Figure 10.6
CS Assert Period Extension Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com