Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 223 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 223 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 219Page - Renesas Technology Corp SH7041A Datasheet HTML 220Page - Renesas Technology Corp SH7041A Datasheet HTML 221Page - Renesas Technology Corp SH7041A Datasheet HTML 222Page - Renesas Technology Corp SH7041A Datasheet HTML 223Page - Renesas Technology Corp SH7041A Datasheet HTML 224Page - Renesas Technology Corp SH7041A Datasheet HTML 225Page - Renesas Technology Corp SH7041A Datasheet HTML 226Page - Renesas Technology Corp SH7041A Datasheet HTML 227Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 923 page
background image
185
10.3
Accessing Ordinary Space
A strobe signal is output by ordinary space accesses to provide primarily for SRAM or ROM
direct connections.
10.3.1
Basic Timing
Figure 10.3 shows the basic timing of ordinary space accesses. Ordinary access bus cycles are
performed in 2 states.
T1
CK
Address
CSn
RD
Read
Write
Data
WRx
Data
T2
Figure 10.3 Basic Timing of Ordinary Space Access
During a read, irrespective of operand size, all bits in the data bus width for the access space
(address) are fetched by the LSI on
RD, using the required byte locations.
During a write, the following signals are associated with transfer of these actual byte locations:
WRHH (bits 31–24), WRHL (bits 23–16), WRH (bits 15–8), and WRL (bits 7–0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com