Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 215Page - Renesas Technology Corp SH7041A Datasheet HTML 216Page - Renesas Technology Corp SH7041A Datasheet HTML 217Page - Renesas Technology Corp SH7041A Datasheet HTML 218Page - Renesas Technology Corp SH7041A Datasheet HTML 219Page - Renesas Technology Corp SH7041A Datasheet HTML 220Page - Renesas Technology Corp SH7041A Datasheet HTML 221Page - Renesas Technology Corp SH7041A Datasheet HTML 222Page - Renesas Technology Corp SH7041A Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 923 page
background image
181
• Bits 3–2—DRAM Bus Width Specification (SZ1, SZ0): Specifies the DRAM space bus width.
Bit 3 (SZ1)
Bit 2 (SZ0)
Description
0
0
Byte (8 bits)
(initial value)
1
Word (16 bits)
1
Don’t care
Longword (32 bits)
• Bits 1–0—DRAM Address Multiplex (AMX1–AMX0): Specifies the DRAM address
multiplex count.
Bit 1 (AMX1)
Bit 0 (AMX0)
Description
0
0
9 bit
(initial value)
1
10 bit
1
0
11 bit
1
12 bit
10.2.6
Refresh Timer Control/Status Register (RTCSR)
RTCSR is a 16-bit read/write register that selects the refresh mode and the clock input to the
refresh timer counter (RTCNT), and controls compare match interrupts (CMI).
RTCSR is initialized by power-on resets and hardware standbys to H'0000, but is not initialized by
manual resets or software standbys.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
—
CMF
CMIE
CKS2
CKS1
CKS0
RFSH
RMD
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bits 15–7—Reserved: These bits always read as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com