Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 211Page - Renesas Technology Corp SH7041A Datasheet HTML 212Page - Renesas Technology Corp SH7041A Datasheet HTML 213Page - Renesas Technology Corp SH7041A Datasheet HTML 214Page - Renesas Technology Corp SH7041A Datasheet HTML 215Page - Renesas Technology Corp SH7041A Datasheet HTML 216Page - Renesas Technology Corp SH7041A Datasheet HTML 217Page - Renesas Technology Corp SH7041A Datasheet HTML 218Page - Renesas Technology Corp SH7041A Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 923 page
background image
177
• Bits 7–4—CS1 Space Wait Specification (W13, W12, W11, W10): Specifies the number of
waits for CS1 space access.
Bit 7
(W13)
Bit 6
(W12)
Bit 5
(W11)
Bit 4
(W10)
Description
0000
No wait (external wait input disabled)
0001
1 wait external wait input enabled
⋅⋅⋅
1111
15 wait external wait input enabled (initial value)
• Bits 3–0—CS0 Space Wait Specification (W03, W02, W01, W00): Specifies the number of
waits for CS0 space access.
Bit 3
(W03)
Bit 2
(W02)
Bit 1
(W01)
Bit 0
(W00)
Description
0000
No wait (external wait input disabled)
0001
1 wait external wait input enabled
⋅⋅⋅
1111
15 wait external wait input enabled (initial value)
10.2.4
Wait Control Register 2 (WCR2)
WCR2 is a 16-bit read/write register that specifies the number of access cycles for DRAM space
and CS space for DMA single address mode transfers.
Do not perform any DMA single address transfers before WCR2 is set.
WCR2 is initialized by power-on resets to H'000F, but is not initialized by manual resets or
software standbys.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
—
—
DDW1
DDW0
DSW3
DSW2
DSW1
DSW0
Initial value:
0
0
0
0
1
1
1
1
R/W:
R
R
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com