Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 208Page - Renesas Technology Corp SH7041A Datasheet HTML 209Page - Renesas Technology Corp SH7041A Datasheet HTML 210Page - Renesas Technology Corp SH7041A Datasheet HTML 211Page - Renesas Technology Corp SH7041A Datasheet HTML 212Page - Renesas Technology Corp SH7041A Datasheet HTML 213Page - Renesas Technology Corp SH7041A Datasheet HTML 214Page - Renesas Technology Corp SH7041A Datasheet HTML 215Page - Renesas Technology Corp SH7041A Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 923 page
background image
174
Bit 9 (IW01)
Bit 8 (IW00)
Description
0
0
No idle cycle after accessing CS0 space
1
Inserts one idle cycle
1
0
Inserts two idle cycles
1
Inserts three idle cycles
(initial value)
• Bits 7–4—Idle Specification for Continuous Access (CW3, CW2, CW1, CW0): The
continuous access idle specification makes insertions to clearly delineate the bus intervals by
once negating the
CSn signal when doing consecutive accesses of the same CS space. When a
write immediately follows a read, the number of idle cycles inserted is the larger of the two
values specified by IW and CW. Refer to section 10.6, Waits between Access Cycles, for
details.
CW3 specifies the continuous access idles for CS3 space; CW2 specifies the continuous access
idles for CS2 space; CW1 specifies the continuous access idles for CS1 space and CW0
specifies the continuous access idles for CS0 space.
Bit 7 (CW3)
Description
0
No CS3 space continuous access idle cycles
1
One CS3 space continuous access idle cycle (initial value)
Bit 6 (CW2)
Description
0
No CS2 space continuous access idle cycles
1
One CS2 space continuous access idle cycle (initial value)
Bit 5 (CW1)
Description
0
No CS1 space continuous access idle cycles
1
One CS1 space continuous access idle cycle (initial value)
Bit 4 (CW0)
Description
0
No CS0 space continuous access idle cycles
1
One CS0 space continuous access idle cycle (initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com