Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 206Page - Renesas Technology Corp SH7041A Datasheet HTML 207Page - Renesas Technology Corp SH7041A Datasheet HTML 208Page - Renesas Technology Corp SH7041A Datasheet HTML 209Page - Renesas Technology Corp SH7041A Datasheet HTML 210Page - Renesas Technology Corp SH7041A Datasheet HTML 211Page - Renesas Technology Corp SH7041A Datasheet HTML 212Page - Renesas Technology Corp SH7041A Datasheet HTML 213Page - Renesas Technology Corp SH7041A Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 923 page
background image
172
• Bit 1—CS1 Space Size Specification (A1SZ): Specifies the CS1 space bus size when A1LG =
0.
Bit 1 (A1SZ)
Description
0
Byte (8 bit) size
1
Word (16 bit) size (initial value)
Note:
This bit is ignored when A1LG = 1; CS1 space bus size becomes longword (32 bit).
• Bit 0—CS0 Space Size Specification (A0SZ): Specifies the CS0 space bus size when A0LG =
0.
Bit 0 (A0SZ)
Description
0
Byte (8 bit) size
1
Word (16 bit) size (initial value)
Note:
A0SZ is effective only in on-chip ROM effective mode. In on-chip ROM ineffective mode,
the CS0 space bus size is specified by the mode pin. However, even in on-chip ROM
effective mode, this bit is ignored when A0LG = 1; CS0 space bus size becomes longword
(32 bit).
10.2.2
Bus Control Register 2 (BCR2)
BCR2 is a 16-bit read/write register that specifies the number of idle cycles and CS signal assert
extension of each CS space.
BCR2 is initialized by power-on resets to H'FFFF, but is not initialized by manual resets or
software standbys.
Bit:
15
14
13
12
11
10
9
8
IW31
IW30
IW21
IW20
IW11
IW10
IW01
IW00
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
CW3
CW2
CW1
CW0
SW3
SW2
SW1
SW0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com