Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 205Page - Renesas Technology Corp SH7041A Datasheet HTML 206Page - Renesas Technology Corp SH7041A Datasheet HTML 207Page - Renesas Technology Corp SH7041A Datasheet HTML 208Page - Renesas Technology Corp SH7041A Datasheet HTML 209Page - Renesas Technology Corp SH7041A Datasheet HTML 210Page - Renesas Technology Corp SH7041A Datasheet HTML 211Page - Renesas Technology Corp SH7041A Datasheet HTML 212Page - Renesas Technology Corp SH7041A Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 923 page
background image
171
• Bit 6—CS2 Space Long Size Specification (A2LG): Specifies the CS2 space bus size.
Bit 6 (A2LG)
Description
0
According to the A2SZ bit value (initial value)
1
Longword (32 bit) size
• Bit 5—CS1 Space Long Size Specification (A1LG): Specifies the CS1 space bus size.
Bit 5 (A1LG)
Description
0
According to the A1SZ bit value (initial value)
1
Longword (32 bit) size
• Bit 4—CS0 Space Long Size Specification (A0LG): Specifies the CS0 space bus size.
Bit 4 (A0LG)
Description
0
According to the A0SZ bit value (initial value)
1
Longword (32 bit) size
Note:
A0LG is effective only in on-chip ROM effective mode. When in on-chip ROM ineffective
mode, the CS0 space bus size is specified by the mode pin.
• Bit 3—CS3 Space Size Specification (A3SZ): Specifies the CS3 space bus size when A3LG =
0. This is effective only when CS3 space is ordinary space. When CS3 space is an address/data
multiplex I/O space, bus size is decided by the A14 bit.
Bit 3 (A3SZ)
Description
0
Byte (8 bit) size
1
Word (16 bit) size (initial value)
Note:
This bit is ignored when A3LG = 1; CS3 space bus size becomes longword (32 bit) (for
ordinary space).
• Bit 2—CS2 Space Size Specification (A2SZ): Specifies the CS2 space bus size when A2LG =
0.
Bit 2 (A2SZ)
Description
0
Byte (8 bit) size
1
Word (16 bit) size (initial value)
Note:
This bit is ignored when A2LG = 1; CS2 space bus size becomes longword (32 bit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com