Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 204Page - Renesas Technology Corp SH7041A Datasheet HTML 205Page - Renesas Technology Corp SH7041A Datasheet HTML 206Page - Renesas Technology Corp SH7041A Datasheet HTML 207Page - Renesas Technology Corp SH7041A Datasheet HTML 208Page - Renesas Technology Corp SH7041A Datasheet HTML 209Page - Renesas Technology Corp SH7041A Datasheet HTML 210Page - Renesas Technology Corp SH7041A Datasheet HTML 211Page - Renesas Technology Corp SH7041A Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 923 page
background image
170
Bit:
15
14
13
12
11
10
9
8
—
—
MTU
RWE
——
——
IOE
Initial value:
0
0
1
0
0
0
0
0
R/W:
R
R
R/W
R
R
R
R
R/W
Bit:
7
6
5
4
3
2
1
0
A3LG
A2LG
A1LG
A0LG
A3SZ
A2SZ
A1SZ
A0SZ
Initial value:
0
0
0
0
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bits 15, 14, 12–9—Reserved: These bits always read as 0. The write value should always be 0.
• Bit 13—MTU Read/Write Enable (MTURWE): When this bit is 1, MTU control register
access is enabled. See section 12, Multifunction Timer Pulse Unit (MTU), for details.
Bit 13 (MTURWE)
Description
0
MTU control register access is disabled
1
MTU control register access is enabled (initial value)
• Bit 8—Multiplex I/O Enable (IOE): Selects the use of CS3 space as ordinary space or
address/data multiplex I/O space. A 0 selects ordinary space and a 1 selects address/data
multiplex I/O space. When address/data multiplex I/O space is selected, the address and data
are multiplexed and output from the data bus. When CS3 space is an address/data multiplex
I/O space, bus size is decided by the A14 bit (A14 = 0: 8 bit, A14 = 1: 16 bit).
Bit 8 (IOE)
Description
0
CS3 space is ordinary space (initial value)
1
CS3 space is address/data multiplex I/O space
• Bit 7—CS3 Space Long Size Specification (A3LG): Specifies the CS3 space bus size. This is
effective only when CS3 space is ordinary space. When CS3 space is an address/data multiplex
I/O space, bus size is decided by the A14 bit.
Bit 7 (A3LG)
Description
0
According to the A3SZ bit specified value (initial value)
1
Longword (32 bit) size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com