Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 207Page - Renesas Technology Corp SH7041A Datasheet HTML 208Page - Renesas Technology Corp SH7041A Datasheet HTML 209Page - Renesas Technology Corp SH7041A Datasheet HTML 210Page - Renesas Technology Corp SH7041A Datasheet HTML 211Page - Renesas Technology Corp SH7041A Datasheet HTML 212Page - Renesas Technology Corp SH7041A Datasheet HTML 213Page - Renesas Technology Corp SH7041A Datasheet HTML 214Page - Renesas Technology Corp SH7041A Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 923 page
background image
173
• Bits 15–8—Idles between Cycles (IW31, IW30, IW21, IW20, IW11, IW10, IW01, IW00):
These bits specify idle cycles inserted between consecutive accesses when the second one is to
a different CS area after a read. Idles are used to prevent data conflict between ROM (and
other memories, which are slow to turn the read data buffer off), fast memories, and I/O
interfaces. Even when access is to the same area, idle cycles must be inserted when a read
access is followed immediately by a write access. The idle cycles to be inserted comply with
the area specification of the previous access
. Refer to section 10.6, Waits between Access
Cycles, for details.
IW31, IW30 specify the idle between cycles for CS3 space; IW21, IW20 specify the idle
between cycles for CS2 space; IW11, IW10 specify the idle between cycles for CS1 space and
IW01, IW00 specify the idle between cycles for CS0 space.
Bit 15 (IW31)
Bit 14 (IW30)
Description
0
0
No idle cycle after accessing CS3 space
1
Inserts one idle cycle after accessing CS3
space
1
0
Inserts two idle cycles after accessing CS3
space
1
Inserts three idle cycles after accessing CS3
space
(initial value)
Bit 13 (IW21)
Bit 12 (IW20)
Description
0
0
No idle cycle after accessing CS2 space
1
Inserts one idle cycle
1
0
Inserts two idle cycles
1
Inserts three idle cycles
(initial value)
Bit 11 (IW11)
Bit 10 (IW10)
Description
0
0
No idle cycle after accessing CS1 space
1
Inserts one idle cycle
1
0
Inserts two idle cycles
1
Inserts three idle cycles
(initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com