Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 209Page - Renesas Technology Corp SH7041A Datasheet HTML 210Page - Renesas Technology Corp SH7041A Datasheet HTML 211Page - Renesas Technology Corp SH7041A Datasheet HTML 212Page - Renesas Technology Corp SH7041A Datasheet HTML 213Page - Renesas Technology Corp SH7041A Datasheet HTML 214Page - Renesas Technology Corp SH7041A Datasheet HTML 215Page - Renesas Technology Corp SH7041A Datasheet HTML 216Page - Renesas Technology Corp SH7041A Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 923 page
background image
175
• Bits 3–0—CS Assert Extension Specification (SW3, SW2, SW1, SW0): The CS assert cycle
extension specification is for making insertions to prevent extension of the
RD signal or WRx
signal assert period beyond the length of the
CSn signal assert period. Extended cycles insert
one cycle before and after each bus cycle, which simplifies interfaces with external devices and
also has the effect of extending write data hold time. Refer to section 10.3.3,
CS Assert Period
Extension, for details.
SW3 specifies the
CS assert extension for CS3 space access; SW2 specifies the CS assert
extension for CS2 space access; SW1 specifies the
CS assert extension for CS1 space access
and SW0 specifies the
CS assert extension for CS0 space access.
Bit 3 (SW3)
Description
0
No CS3 space
CS assert extension
1
CS3 space
CS assert extension (initial value)
Bit 2 (SW2)
Description
0
No CS2 space
CS assert extension
1
CS2 space
CS assert extension (initial value)
Bit 1 (SW1)
Description
0
No CS1 space
CS assert extension
1
CS1 space
CS assert extension (initial value)
Bit 0 (SW0)
Description
0
No CS0 space
CS assert extension
1
CS0 space
CS assert extension (initial value)
10.2.3
Wait Control Register 1 (WCR1)
WCR1 is a 16-bit read/write register that specifies the number of wait cycles (0–15) for each CS
space.
WCR1 is initialized by power-on resets to H'FFFF, but is not initialized by manual resets or
software standbys.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com