Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 213Page - Renesas Technology Corp SH7041A Datasheet HTML 214Page - Renesas Technology Corp SH7041A Datasheet HTML 215Page - Renesas Technology Corp SH7041A Datasheet HTML 216Page - Renesas Technology Corp SH7041A Datasheet HTML 217Page - Renesas Technology Corp SH7041A Datasheet HTML 218Page - Renesas Technology Corp SH7041A Datasheet HTML 219Page - Renesas Technology Corp SH7041A Datasheet HTML 220Page - Renesas Technology Corp SH7041A Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 923 page
background image
179
Bit:
15
14
13
12
11
10
9
8
TPC
RCD
TRAS1
TRAS0
DWW1
DWW0
DWR1
DWR0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
DIW
—
BE
RASD
SZ1
SZ0
AMX1
AMX0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
• Bit 15—RAS Precharge Cycle Count (TPC): Specifies the minimum number of cycles after
RAS is negated before next assert.
Bit 15 (TPC)
Description
0
1.5 cycles (initial value)
1
2.5 cycles
• Bit 14—RAS-CAS Delay Cycle Count (RCD): Specifies the number of row address output
cycles.
Bit 14 (RCD)
Description
0
1 cycle (initial value)
1
2 cycles
• Bits 13–12—CAS-Before-RAS Refresh RAS Assert Cycle Count (TRAS1–TRAS0): Specify
the number of RAS assert cycles for CAS before RAS refreshes.
Bit 13 (TRAS1)
Bit 12 (TRAS0)
Description
0
0
2.5 cycles (initial value)
1
3.5 cycles
1
0
4.5 cycles
1
5.5 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com