Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 216Page - Renesas Technology Corp SH7041A Datasheet HTML 217Page - Renesas Technology Corp SH7041A Datasheet HTML 218Page - Renesas Technology Corp SH7041A Datasheet HTML 219Page - Renesas Technology Corp SH7041A Datasheet HTML 220Page - Renesas Technology Corp SH7041A Datasheet HTML 221Page - Renesas Technology Corp SH7041A Datasheet HTML 222Page - Renesas Technology Corp SH7041A Datasheet HTML 223Page - Renesas Technology Corp SH7041A Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 923 page
background image
182
• Bit 6—Compare Match Flag (CMF): This status flag, which indicates that the values of
RTCNT and RTCOR match, is set/cleared under the following conditions:
Bit 6 (CMF)
Description
0
Clear condition: After RTCSR is read when CMF is 1, 0 is written in
CMF. In some cases it will clear when DTC is activated by a compare
match interrupt; refer to section 8, Data Transfer Controller (DTC), for
details. (initial value)
1
Set condition: RTCNT = RTCOR. When both RTCNT and RTCOR are
in an initialized state (when values have not been rewritten since
initialization, and RTCNT has not had its value changed due to a count-
up), RTCNT and RTCOR match, as both are H'0000, but in this case
CMF is not set.
• Bit 5—Compare Match Interrupt Enable (CMIE): Enables or disables an interrupt request
caused by the CMF bit of the RTCSR when CMF is set to 1.
Bit 5 (CMIE)
Description
0
Disables an interrupt request caused by CMF (initial value)
1
Enables an interrupt request caused by CMF
• Bits 4–2—Clock Select (CKS2–CKS0): Select the clock to input to RTCNT from among the
seven types of internal clock obtained from dividing the system clock (
φ).
Bit 4 (CKS2)
Bit 3 (CKS1)
Bit 2 (CKS0)
Description
0
0
0
Stops count-up (initial value)
1
φ/2
10
φ/8
1
φ/32
10
0
φ/128
1
φ/512
10
φ/2048
1
φ/4096
• Bit 1—Refresh Control (RFSH): Selects whether to use refresh control for DRAM.
Bit 1 (RFSH)
Description
0
Do not refresh DRAM (initial value)
1
Refresh DRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com