Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 214Page - Renesas Technology Corp SH7041A Datasheet HTML 215Page - Renesas Technology Corp SH7041A Datasheet HTML 216Page - Renesas Technology Corp SH7041A Datasheet HTML 217Page - Renesas Technology Corp SH7041A Datasheet HTML 218Page - Renesas Technology Corp SH7041A Datasheet HTML 219Page - Renesas Technology Corp SH7041A Datasheet HTML 220Page - Renesas Technology Corp SH7041A Datasheet HTML 221Page - Renesas Technology Corp SH7041A Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 923 page
background image
180
• Bits 11–10—DRAM Write Cycle Wait Count (DWW1–DWW0): Specifies the number of
DRAM write cycle column address output cycles.
Bit 11 (DWW1)
Bit 10 (DWW0)
Description
0
0
2-cycle (no wait) external wait disabled
(initial value)
1
3-cycle (1 wait) external wait disabled
1
0
4-cycle (2 wait) external wait enabled
1
5-cycle (3 wait) external wait enabled
• Bits 9–8—DRAM Read Cycle Wait Count (DWR1–DWR0): Specifies the number of DRAM
read cycle column address output cycles.
Bit 9 (DWR1)
Bit 8 (DWR0)
Description
0
0
2-cycle (no wait) external wait disabled
(initial value)
1
3-cycle (1 wait) external wait disabled
1
0
4-cycle (2 wait) external wait enabled
1
5-cycle (3 wait) external wait enabled
• Bit 7—DRAM Idle Cycle Count (DIW): Specifies whether to insert idle cycles, either when
accessing a different external space (CS space) or when doing a DRAM write, after DRAM
reads.
Bit 7 (DIW)
Description
0
No idle cycles (initial value)
1
1 idle cycle
• Bit 6—Reserved: This bit always reads as 0. The write value should always be 0.
• Bit 5—Burst Enable (BE): Specifies the DRAM operation mode.
Bit 5 (BE)
Description
0
Burst disabled (initial value)
1
DRAM high-speed page mode enabled
.
• Bit 4—RAS Down Mode (RASD): Specifies the DRAM operation mode.
Bit 4 (RASD)
Description
0
Access DRAM by RAS up mode (initial value)
1
Access DRAM by RAS down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com