Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 203Page - Renesas Technology Corp SH7041A Datasheet HTML 204Page - Renesas Technology Corp SH7041A Datasheet HTML 205Page - Renesas Technology Corp SH7041A Datasheet HTML 206Page - Renesas Technology Corp SH7041A Datasheet HTML 207Page - Renesas Technology Corp SH7041A Datasheet HTML 208Page - Renesas Technology Corp SH7041A Datasheet HTML 209Page - Renesas Technology Corp SH7041A Datasheet HTML 210Page - Renesas Technology Corp SH7041A Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 923 page
background image
169
Table 10.4
Address Map for On-Chip ROM Ineffective Mode
Address
Space
Memory
Size
Bus Width
H'00000000–H'003FFFFF
CS0 space
Ordinary space
4 Mbytes 8/16/32 bist*
1
H'00400000–H'007FFFFF
CS1 space
Ordinary space
4 Mbytes 8/16/32 bits*
2
H'00800000–H'00BFFFFF
CS2 space
Ordinary space
4 Mbytes 8/16/32 bits*
2
H'00C00000–H'00FFFFFF
CS3 space
Ordinary space or multiplex
I/O space
4 Mbytes 8/16/32 bits*
3
H'01000000–H'01FFFFFF
DRAM space DRAM
16 Mbytes 8/16/32 bits*
2
H'02000000–H'FFFF7FFF
Reserved
Reserved
H'FFFF8000–H'FFFF87FF
On-chip
peripheral
module
On-chip peripheral module 2 kbytes
8/16 bits
H'FFFF8800–H'FFFFEFFF
Reserved
Reserved
H'FFFFF000–H'FFFFFFFF
On-chip RAM On-chip RAM
4 kbytes
32 bits
Notes: 1. Do not access reserved spaces. Operation cannot be guaranteed if they are accessed.
2. In the single-chip mode, spaces other than on-chip ROM, on-chip RAM and on-chip
peripheral modules are unavailable.
*1 Selected by the mode pin:
8/16 bit when 112 pin and 120 pin.
16/32 bit when 144 pin.
*2 Selected by on-chip register settings.
*3 Ordinary space: selected by on-chip register settings.
Multiplex I/O space: 8/16 bit selected by the A14 bit.
10.2
Description of Registers
10.2.1
Bus Control Register 1 (BCR1)
BCR1 is a 16-bit read/write register that enables access to the MTU control register, selects
multiplex I/O, and specifies the bus size of the CS spaces. With the 112-pin version
(SH7040/SH7042/SH7044), and the 120-pin version (SH7040/SH7042), specify the bus width as
word (16 bits) or less.
Write bits 8–0 of BCR1 during the initialization stage after a power-on reset, and do not change
the values thereafter. In on-chip ROM effective mode, do not access any of the CS spaces until
after completion of register initialization. In on-chip ROM ineffective mode, do not access any CS
space other than CS0 until after completion of register initialization.
BCR1 is initialized by power-on resets to H'200F, but is not initialized by manual resets or
software standbys.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com