Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 223Page - Renesas Technology Corp SH7041A Datasheet HTML 224Page - Renesas Technology Corp SH7041A Datasheet HTML 225Page - Renesas Technology Corp SH7041A Datasheet HTML 226Page - Renesas Technology Corp SH7041A Datasheet HTML 227Page - Renesas Technology Corp SH7041A Datasheet HTML 228Page - Renesas Technology Corp SH7041A Datasheet HTML 229Page - Renesas Technology Corp SH7041A Datasheet HTML 230Page - Renesas Technology Corp SH7041A Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 923 page
background image
189
10.4
DRAM Access
10.4.1
DRAM Direct Connection
When address space A31–A24 = H'01 has been accessed, the corresponding space becomes a 16-
Mbyte DRAM space, and the DRAM interface function can be used to directly connect the
SH7040 Series to DRAM.
Row address and column address are always multiplexed for DRAM space. The amount of row
address multiplexing can be selected as from 9 to 12 bits by setting the AMX1 and AMX0 bits of
the DCR.
Table 10.5
AMX Bits and Address Multiplex Output
Row Address
Column Address
AMX1
AMX0
Shift
Amount
Output Pins
Output
Address
Output
Address
Output
Pins
0
0
9 bit
A21–A15
A21–A15
A21–A0
A21–A0
A14–A0
A23–A9
0
1
10 bit
A21–A14
A21–A14
A21–A0
A21–A0
A13–A0
A23–A10
1
0
11 bit
A21–A13
A21–A13
A21–A0
A21–A0
A12–A0
A23–A11
1
1
12 bit
A21–A12
A21–A12
A21–A0
A21–A0
A11–A0
A23–A12
In addition to ordinary read and write accesses, burst mode access using high speed page mode is
supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com