Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 237Page - Renesas Technology Corp SH7041A Datasheet HTML 238Page - Renesas Technology Corp SH7041A Datasheet HTML 239Page - Renesas Technology Corp SH7041A Datasheet HTML 240Page - Renesas Technology Corp SH7041A Datasheet HTML 241Page - Renesas Technology Corp SH7041A Datasheet HTML 242Page - Renesas Technology Corp SH7041A Datasheet HTML 243Page - Renesas Technology Corp SH7041A Datasheet HTML 244Page - Renesas Technology Corp SH7041A Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 923 page
background image
203
10.6.2
Simplification of Bus Cycle Start Detection
For consecutive accesses of the same CS space, waits are inserted so that the number of idle cycles
designated by the CW3–CW0 bits of the BCR2 occur. However, for write cycles after reads, the
number of idle cycles inserted will be the larger of the two values defined by the IW and CW bits.
When idle cycles already exist between access cycles, waits are not inserted. Figure 10.21 shows
an example. A continuous access idle is specified for CSn space, and CSn space is consecutively
write accessed.
CK
CSn
RD
WRx
Data
CSn space access
CSn space access
Idle cycle
Address
T1
T2
T1
T2
Tidle
Figure 10.21 Same Space Consecutive Access Idle Cycle Insertion Example
10.7
Bus Arbitration
The SH7040 series has a bus arbitration function that, when a bus release request is received from
an external device, releases the bus to that device. It also has two internal bus masters, the CPU
and the DMAC, DTC. The priority ranking for determining bus right transfer between these bus
masters is:
Bus right request from external device > refresh > DTC > DMAC > CPU
However, during a read or write in DMAC dual address mode, a burst transfer, or indirect address
transfer mode operation, the DMAC continues operating even if a DTC request is received.
Through port register settings,
IRQOUT is asserted to indicate that a CAS-before-RAS refresh
request for DRAM has been generated during release of bus rights to an external device. Use this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com