Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 236Page - Renesas Technology Corp SH7041A Datasheet HTML 237Page - Renesas Technology Corp SH7041A Datasheet HTML 238Page - Renesas Technology Corp SH7041A Datasheet HTML 239Page - Renesas Technology Corp SH7041A Datasheet HTML 240Page - Renesas Technology Corp SH7041A Datasheet HTML 241Page - Renesas Technology Corp SH7041A Datasheet HTML 242Page - Renesas Technology Corp SH7041A Datasheet HTML 243Page - Renesas Technology Corp SH7041A Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 923 page
background image
202
BCR2 and the DIW of the DCR occur. When idle cycles already exist between access cycles, only
the number of empty cycles remaining beyond the specified number of idle cycles are inserted.
Figure 10.20 shows an example of idles between cycles. In this example, 1 idle between CSn
space cycles has been specified, so when a CSm space write immediately follows a CSn space
read cycle, 1 idle cycle is inserted.
CK
CSn
CSm
RD
Data
CSn space read
CSm space write
Idle cycle
WRx
Address
T1
T2
T1
T2
Tidle
Figure 10.20 Idle Cycle Insertion Example
IW31 and IW30 specify the number of idle cycles required after a CS3 space read either to read
other external spaces, or for this LSI, to do write accesses. In the same manner, IW21 and IW20
specify the number of idle cycles after a CS2 space read, IW11 and IW10, the number after a CS1
space read, and IW01 and IW00, the number after a CS0 space read.
DIW specifies the number of idle cycles required, after a DRAM space read either to read other
external spaces (CS space), or for this LSI, to do write accesses.
0 to 3 cycles can be specified for CS space, and 0 to 1 cycle for DRAM space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com