Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 232Page - Renesas Technology Corp SH7041A Datasheet HTML 233Page - Renesas Technology Corp SH7041A Datasheet HTML 234Page - Renesas Technology Corp SH7041A Datasheet HTML 235Page - Renesas Technology Corp SH7041A Datasheet HTML 236Page - Renesas Technology Corp SH7041A Datasheet HTML 237Page - Renesas Technology Corp SH7041A Datasheet HTML 238Page - Renesas Technology Corp SH7041A Datasheet HTML 239Page - Renesas Technology Corp SH7041A Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 923 page
background image
198
Self-Refresh: When both the RMD and RFSH bits of the RTCSR are set to 1, the
CAS signal and
RAS signal are output and the DRAM enters self-refresh mode, as shown in figure 10.16. Do not
access DRAM during self-refreshes, in order to preserve DRAM data. When performing DRAM
accesses, first cancel the self-refresh, then access only after doing individual refreshes for all row
addresses within the time prescribed for the particular DRAM.
For external bus right requests during self-refreshes, to preserve DRAM data at the time of
releasing the bus rights, only
CASx, RAS, and RDWR are output and the bus rights are released to
the external device with the self-refresh maintained. Consequently, do not perform DRAM
accesses from external devices at such a time.
CK
CASx
RAS
TRp
TRr1
TRr2
TRc
TRc
Figure 10.16 Self-Refresh Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com