Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 231Page - Renesas Technology Corp SH7041A Datasheet HTML 232Page - Renesas Technology Corp SH7041A Datasheet HTML 233Page - Renesas Technology Corp SH7041A Datasheet HTML 234Page - Renesas Technology Corp SH7041A Datasheet HTML 235Page - Renesas Technology Corp SH7041A Datasheet HTML 236Page - Renesas Technology Corp SH7041A Datasheet HTML 237Page - Renesas Technology Corp SH7041A Datasheet HTML 238Page - Renesas Technology Corp SH7041A Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 923 page
background image
197
10.4.5
Refresh Timing
The bus state controller is equipped with a function to control refreshes of DRAM. CAS-before-
RAS (CBR) refresh or self-refresh can be selected by setting the RTCSR’s RMD bit.
CAS-before-RAS Refresh: For CBR refreshes, set the RCR’s RMD bit to 0 and the RFSH bit to
1. Also write the values in RTCNT and RTCOR necessary to fulfill the refresh interval prescribed
for the DRAM being used. When a clock is selected with the CKS2–CKS0 bits of the RSTCR,
RTCNT starts counting up from the value at that time. The RTCNT value is constantly compared
to the RTCOR value and a CBR refresh is performed when the two match. RTCNT is cleared at
that time and the count starts again. Figure 10.15 shows the timing for the CBR refresh operation.
The number of RAS assert cycles in the refresh cycle is set by the TRAS1, TRAS0 bits of the
DCR.
CK
CASx
RAS
TRp
TRr1
TRr2
TRc
TRc
Figure 10.15 CAS-Before-RAS Refresh Timing (TRAS1, TRAS0 = 0, 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com