Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 229Page - Renesas Technology Corp SH7041A Datasheet HTML 230Page - Renesas Technology Corp SH7041A Datasheet HTML 231Page - Renesas Technology Corp SH7041A Datasheet HTML 232Page - Renesas Technology Corp SH7041A Datasheet HTML 233Page - Renesas Technology Corp SH7041A Datasheet HTML 234Page - Renesas Technology Corp SH7041A Datasheet HTML 235Page - Renesas Technology Corp SH7041A Datasheet HTML 236Page - Renesas Technology Corp SH7041A Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 923 page
background image
195
10.4.4
Burst Operation
High-Speed Page Mode: When the burst enable bit (BE) of the DCR is set, burst accesses can be
performed using high speed page mode. The timing is shown in figure 10.12. Wait cycles can be
inserted during burst accesses by using the DCR.
Tp
Tc1
Tc2
Tc1
Tc2
Tr
CK
Write
Read
Address
Data
RAS
CASx
RDWR
Data
RDWR
CASx
RAS
Row
Column
Column
Figure 10.12 DRAM Bus Cycle (High-Speed Page Mode)
RAS Down Mode: There are some instances where even if burst operation is selected, continuous
accesses to DRAM will not occur, but another space will be accessed instead part way through the
access. In such cases, if the
RAS signal is maintained at low level during the time the other space
is accessed, it is possible to continue burst operation at the time the next DRAM same row address
is accessed. This is called RAS down mode.
To use RAS down mode, set both the BE and RASD bits of the DCR to 1.
Figures 10.13 and 10.14 show operation in RAS up and down modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com