Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 233Page - Renesas Technology Corp SH7041A Datasheet HTML 234Page - Renesas Technology Corp SH7041A Datasheet HTML 235Page - Renesas Technology Corp SH7041A Datasheet HTML 236Page - Renesas Technology Corp SH7041A Datasheet HTML 237Page - Renesas Technology Corp SH7041A Datasheet HTML 238Page - Renesas Technology Corp SH7041A Datasheet HTML 239Page - Renesas Technology Corp SH7041A Datasheet HTML 240Page - Renesas Technology Corp SH7041A Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 923 page
background image
199
10.5
Address/Data Multiplex I/O Space Access
When the BCR1 register IOE bit is set to 1, the D15–D0 pins can be used for multiplexed
address/data I/O for the CS3 space. Consequently, peripheral LSIs requiring address/data
multiplexing can be directly connected to this LSI.
Address/data multiplex I/O space bus width is selected by the A14 bit, and is 8 bit when A14 = 0
and 16 bit when A14 = 1.
10.5.1
Basic Timing
When the IOE bit of the BCR1 is set to 1, CS3 space becomes address/data multiplex I/O space.
When this space is accessed, addresses and data are multiplexed. When the A14 address bit is 0,
the bus size becomes 8 bit and addresses and data are input and output through the D7–D0 pins.
When the A14 address bit is 1, the bus size becomes 16 bit and address output and data I/O occur
through the D15–D0 pins. Access for the address/data multiplex I/O space is controlled by the
AH, RD, and WRx signals.
Address/data multiplex I/O space accesses are done after a 3-cycle (fixed) address output, as an
ordinary space type access (figure 10.17).
CK
CS3
AH
RD
Data
WRx
Data
Address
Ta1
Ta2
Ta3
Ta4
T1
T2
Read
Write
Address output
Address output
Data output
Data input
Figure 10.17 Address/Data Multiplex I/O Space Access Timing (No Waits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com