Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 277Page - Renesas Technology Corp SH7041A Datasheet HTML 278Page - Renesas Technology Corp SH7041A Datasheet HTML 279Page - Renesas Technology Corp SH7041A Datasheet HTML 280Page - Renesas Technology Corp SH7041A Datasheet HTML 281Page - Renesas Technology Corp SH7041A Datasheet HTML 282Page - Renesas Technology Corp SH7041A Datasheet HTML 283Page - Renesas Technology Corp SH7041A Datasheet HTML 284Page - Renesas Technology Corp SH7041A Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 923 page
background image
243
Figure 11.11 shows an example of timing in indirect address mode when transfer source and
indirect address storage locations are in internal memory, the transfer destination is an on-chip
peripheral module with 2-cycle access space, and transfer data is 8-bit.
Since the indirect address storage destination and the transfer source are in internal memory, these
can be accessed in one cycle. The transfer destination is 2-cycle access space, so two data write
cycles are required. One NOP cycle is required until the data read as the indirect address is output
to the address bus.
Internal
address
bus
Internal
data
bus
DMAC
indirect
address
buffer
DMAC
data
buffer
CK
Transfer
source
address
NOP
NOP
Indirect
address
Transfer
destination
address
Indirect
address
Indirect
address
Transfer
data
Transfer data
Transfer data
Address
read cycle
NOP
cycle
Data
read cycle
Data write cycle (4th)
(1st)
(2nd)
(3rd)
Figure 11.11 Dual Address Mode and Indirect Address Transfer Timing Example 2
(On-chip Memory Space to On-chip Memory Space)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com