Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 279Page - Renesas Technology Corp SH7041A Datasheet HTML 280Page - Renesas Technology Corp SH7041A Datasheet HTML 281Page - Renesas Technology Corp SH7041A Datasheet HTML 282Page - Renesas Technology Corp SH7041A Datasheet HTML 283Page - Renesas Technology Corp SH7041A Datasheet HTML 284Page - Renesas Technology Corp SH7041A Datasheet HTML 285Page - Renesas Technology Corp SH7041A Datasheet HTML 286Page - Renesas Technology Corp SH7041A Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 923 page
background image
245
11.3.8
Relationship between Request Modes and Bus Modes by DMA Transfer Category
Table 11.6 shows the relationship between request modes and bus modes by DMA transfer
category.
Table 11.6
Relationship of Request Modes and Bus Modes by DMA Transfer Category
Address
Mode
Transfer Category
Request
Mode
Bus*
6
Mode
Transfer
Size (Bits)
Usable
Channels
Single
External device with DACK and
external memory
External
B/C
8/16/32
0, 1
External device with DACK and
memory-mapped external device
External
B/C
8/16/32
0, 1
Dual
External memory and external memory
Any*
1
B/C
8/16/32
0–3*
5
External memory and memory-mapped
external device
Any*
1
B/C
8/16/32
0–3*
5
Memory-mapped external device and
memory-mapped external device
Any*
1
B/C
8/16/32
0–3*
5
External memory and on-chip memory
Any*
1
B/C
8/16/32
0–3*
5
External memory and on-chip
peripheral module
Any*
2
B/C*
3
8/16/32*
4
0–3*
5
Memory-mapped external device and
on-chip memory
Any*
1
B/C
8/16/32
0–3*
5
Memory-mapped external device and
on-chip peripheral module
Any*
2
B/C*
3
8/16/32*
4
0–3*
5
On-chip memory and on-chip memory
Any*
1
B/C
8/16/32
0–3*
5
On-chip memory and on-chip
peripheral module
Any*
2
B/C*
3
8/16/32*
4
0–3*
5
On-chip peripheral module and on-
chip peripheral module
Any*
2
B/C*
3
8/16/32*
4
0–3*
5
Notes: *1 External request, auto-request or on-chip peripheral module request enabled. However,
in the case of on-chip peripheral module request, it is not possible to specify the SCI or
A/D converter for the transfer request source.
*2 External request, auto-request or on-chip peripheral module request possible. However,
if transfer request source is also the SCI or A/D converter (A/D1 for A mask), the
transfer source or transfer destination must be the SCI or A/D converter (A/D1 for A
mask). For A mask, setting A/D0 as the transfer request source is not permitted.
*3 When the transfer request source is the SCI, only cycle steal mode is possible.
*4 Access size permitted by register of on-chip peripheral module that is the transfer
source or transfer destination.
*5 When the transfer request is an external request, channels 0 and 1 only can be used.
*6 B: Burst, C: Cycle steal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com