Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 281Page - Renesas Technology Corp SH7041A Datasheet HTML 282Page - Renesas Technology Corp SH7041A Datasheet HTML 283Page - Renesas Technology Corp SH7041A Datasheet HTML 284Page - Renesas Technology Corp SH7041A Datasheet HTML 285Page - Renesas Technology Corp SH7041A Datasheet HTML 286Page - Renesas Technology Corp SH7041A Datasheet HTML 287Page - Renesas Technology Corp SH7041A Datasheet HTML 288Page - Renesas Technology Corp SH7041A Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 923 page
background image
247
DRAK is output once for the first
DREQ sampling, irrespective of transfer mode or DREQ
detection method. In burst mode, using edge detection,
DREQ is sampled for the first cycle only,
so DRAK is also output for the first cycle only. Therefore, the
DREQ signal negate timing can be
ascertained, and this facilitates handshake operations of transfer requests with the DMAC.
Cycle Steal Mode Operations: In cycle steal mode,
DREQ sampling timing is the same
irrespective of dual or single address mode, or whether edge or low-level
DREQ detection is used.
For example, DMAC transfer begins (figure 11.15), at the earliest, three cycles from the first
sampling timing. The second sampling begins at the start of the transfer one bus cycle prior to the
start of the DMAC transfer initiated by the first sampling (i.e., from the start of the CPU(3)
transfer). At this point, if DREQ detection has not occurred, sampling is executed every cycle
thereafter.
As in figure 11.16, whatever cycle the CPU transfer cycle is, the next sampling begins from the
start of the transfer one bus cycle before the DMAC transfer begins.
Figure 11.15 shows an example of output during DACK read and figure 11.16 an example of
output during DACK write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com