Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 305Page - Renesas Technology Corp SH7041A Datasheet HTML 306Page - Renesas Technology Corp SH7041A Datasheet HTML 307Page - Renesas Technology Corp SH7041A Datasheet HTML 308Page - Renesas Technology Corp SH7041A Datasheet HTML 309Page - Renesas Technology Corp SH7041A Datasheet HTML 310Page - Renesas Technology Corp SH7041A Datasheet HTML 311Page - Renesas Technology Corp SH7041A Datasheet HTML 312Page - Renesas Technology Corp SH7041A Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 923 page
background image
271
Table 11.13 Transfer Conditions and Register Set Values for Transfer between External
Memory and SCI1 Sending Side
Transfer Conditions
Register
Value
Transfer source: external memory
SAR3
H'00400000
Value stored in address H'00400000
—
H'00450000
Value stored in address H'00450000
—
H'55
Transfer destination: on-chip SCI TDR1
DAR3
H'FFFF81B3
Transfer count: 10 times
DMATCR3
H'0000000A
Transfer source address: incremented
CHCR3
H'00011E01
Transfer destination address: fixed
Transfer request source: SCI1 (TDR1)
Bus mode: cycle steal
Transfer unit: byte
Interrupt request not generated at end of transfer
Channel priority ranking: 0
> 1 > 2 > 3
DMAOR
H'0001
When indirect address mode is on, the data stored in the address established in SAR is not used as
the transfer source data. In the case of indirect addressing, the value stored in the SAR address is
read, then that value is used as the address and the data read from that address is used as the
transfer source data, then that data is stored in the address designated by the DAR.
In the table 11.13 example, when a transfer request from the TDR1 of SCI1 is generated, a read of
the address located at H'00400000, which is the value set in SAR3, is performed first. The data
H'00450000 is stored at this H'00400000 address, and the DMAC first reads this H'00450000
value. It then uses this read value of H'00450000 as an address and reads the value of H'55 that is
stored in the H'00450000 address. It then writes the value H'55 to the address H'FFFF81B3
designated by DAR3 to complete one indirect address transfer.
With indirect addressing, the first executed data read from the address established in SAR3 always
results in a longword size transfer regardless of the TS0, TS1 bit designations for transfer data
size. However, the transfer source address fixed and increment or decrement designations are as
according to the SM0, SM1 bits. Consequently, despite the fact that the transfer data size
designation is byte in this example, the SAR3 value at the end of one transfer is H'00400004. The
write operation is exactly the same as an ordinary dual address transfer write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com