Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 307 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 307 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 303Page - Renesas Technology Corp SH7041A Datasheet HTML 304Page - Renesas Technology Corp SH7041A Datasheet HTML 305Page - Renesas Technology Corp SH7041A Datasheet HTML 306Page - Renesas Technology Corp SH7041A Datasheet HTML 307Page - Renesas Technology Corp SH7041A Datasheet HTML 308Page - Renesas Technology Corp SH7041A Datasheet HTML 309Page - Renesas Technology Corp SH7041A Datasheet HTML 310Page - Renesas Technology Corp SH7041A Datasheet HTML 311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 923 page
background image
269
Table 11.11 Transfer Conditions and Register Set Values for Transfer between A/D
Converter (A/D1) and Internal Memory
Transfer Conditions
Register
Value
Transfer source: on-chip A/D converter (A/D1)
SAR2
H'FFFF8408
Transfer destination: internal memory
DAR2
H'FFFFF000
Transfer count: 128 times (reload count 32 times)
DMATCR2
H'00000080
Transfer source address: incremented
CHCR2
H'00085B25
Transfer target address: incremented
Transfer request source: A/D converter (A/D1)
Bus mode: burst
Transfer unit: byte
Interrupt request generated at end of transfer
Channel priority sequence: 0>2>3>1
DMAOR
H'0101
When address reload is on, the SAR value returns to its initially established value every four
transfers. In the above example, when a transfer request is input from the A/D converter (A/D1),
the byte size data is first read in from the H'FFFF8408 register and that data is written to the on-
chip memory address H'FFFFF001. Because a byte size transfer was performed, the SAR and
DAR values at this point are H'FFFF8409 and H'FFFFF001, respectively. Also, because this is a
burst transfer, the bus rights remain secured, so continuous data transfer is possible.
When four transfers are completed, if the address reload is off, execution continues with the fifth
and sixth transfers and the SAR value continues to increment from H'FFFF840B to H'FFFF840C
to H'FFFF840D and so on. However, when the address reload is on, the DMAC transfer is halted
upon completion of the fourth transfer and the bus right request signal to the CPU is cleared. At
this time, the values stored in SAR are not H'FFFF840B–H'FFFF840C, but H'FFFF840B–
H'FFFF8408, a return to the initially established address. The DAR value always continues to be
decremented regardless of whether the address reload is on or off.
The DMAC internal status, due to the above operation after completion of the fourth transfer, is
indicated in table 11.12 for both address reload on and off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com