Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 304 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 300Page - Renesas Technology Corp SH7041A Datasheet HTML 301Page - Renesas Technology Corp SH7041A Datasheet HTML 302Page - Renesas Technology Corp SH7041A Datasheet HTML 303Page - Renesas Technology Corp SH7041A Datasheet HTML 304Page - Renesas Technology Corp SH7041A Datasheet HTML 305Page - Renesas Technology Corp SH7041A Datasheet HTML 306Page - Renesas Technology Corp SH7041A Datasheet HTML 307Page - Renesas Technology Corp SH7041A Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 923 page
background image
266
11.4.2
Example of DMA Transfer between External RAM and External Device with
DACK
In this example, an external request, serial address mode transfer with external memory as the
transfer source and an external device with DACK as the transfer destination is executed using
DMAC channel 1.
Table 11.8 indicates the transfer conditions and the setting values of each of the registers.
Table 11.8
Transfer Conditions and Register Set Values for Transfer between External
RAM and External Device with DACK
Transfer Conditions
Register
Value
Transfer source: external RAM
SAR1
H'00400000
Transfer destination: external device with DACK
DAR1
(access by DACK)
Transfer count: 32 times
DMATCR1
H'00000020
Transfer source address: decremented
CHCR1
H'00002269
Transfer destination address: (setting ineffective)
Transfer request source: external pin (
DREQ1) edge
detection
Bus mode: burst
Transfer unit: word
No interrupt request generation at end of transfer
Channel priority ranking: 2
> 0 > 1 > 3
DMAOR
H'0201
11.4.3
Example of DMA Transfer between A/D Converter and On-Chip Memory
(Address Reload On) (Excluding A Mask)
In this example, the on-chip A/D converter channel 0 is the transfer source and on-chip memory is
the transfer destination, and the address reload function is on.
Table 11.9 indicates the transfer conditions and the setting values of each of the registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com