Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 297Page - Renesas Technology Corp SH7041A Datasheet HTML 298Page - Renesas Technology Corp SH7041A Datasheet HTML 299Page - Renesas Technology Corp SH7041A Datasheet HTML 300Page - Renesas Technology Corp SH7041A Datasheet HTML 301Page - Renesas Technology Corp SH7041A Datasheet HTML 302Page - Renesas Technology Corp SH7041A Datasheet HTML 303Page - Renesas Technology Corp SH7041A Datasheet HTML 304Page - Renesas Technology Corp SH7041A Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 923 page
background image
263
11.3.11
Source Address Reload Function
Channel 2 has a source address reload function. This returns to the first value set in the source
address register (SAR2) every four transfers by setting the RO bit of CHCR2 to 1. Figure 11.25
illustrates this operation. Figure 11.26 is a timing chart for reload ON mode, with burst mode,
autorequest, 16-bit transfer data size, SAR2 increment, and DAR2 fixed mode.
SAR2
(initial value)
DMAC
Transfer
request
DMAC control block
Reload control
4th count
CHCR2
DMATCR2
SAR2
RO bit = 1
Count signal
Reload
signal
Reload signal
Figure 11.25 Source Address Reload Function
CK
Internal
address bus
Internal
data bus
SAR2
DAR2
DAR2
DAR2
DAR2
SAR2+2
SAR2+4
SAR2+6
SAR2
DAR2
SAR2 data
SAR2+2 data
SAR2+4 data
SAR2+6 data
SAR2 data
1st channel 2
transfer
2nd channel 2
transfer
3rd channel 2
transfer
4th channel 2
transfer
5th channel 2
transfer
SAR2 output
DAR2 output
SAR2+2 output
DAR2 output
SAR2+4 output
DAR2 output
SAR2+6 output
DAR2 output
SAR2 output
DAR2 output
After SAR2+6 output, SAR2 is reloaded
Bus right is returned one time in four
Figure 11.26 Source Address Reload Function Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com