Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 301Page - Renesas Technology Corp SH7041A Datasheet HTML 302Page - Renesas Technology Corp SH7041A Datasheet HTML 303Page - Renesas Technology Corp SH7041A Datasheet HTML 304Page - Renesas Technology Corp SH7041A Datasheet HTML 305Page - Renesas Technology Corp SH7041A Datasheet HTML 306Page - Renesas Technology Corp SH7041A Datasheet HTML 307Page - Renesas Technology Corp SH7041A Datasheet HTML 308Page - Renesas Technology Corp SH7041A Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 923 page
background image
267
Table 11.9
Transfer Conditions and Register Set Values for Transfer between A/D
Converter and On-Chip Memory
Transfer Conditions
Register
Value
Transfer source: on-chip A/D converter ch0
SAR2
H'FFFF83F0
Transfer destination: on-chip memory
DAR2
H'FFFFF000
Transfer count: 128 times (reload count 32 times)
DMATCR2
H'00000080
Transfer source address: incremented
CHCR2
H'00085B25
Transfer destination address: incremented
Transfer request source: A/D converter
Bus mode: burst
Transfer unit: byte
Interrupt request generation at end of transfer
Channel priority ranking: 0
> 2 > 3 > 1
DMAOR
H'0101
When address reload is on, the SAR value returns to its initially established value every four
transfers. In the above example, when a transfer request is input from the A/D converter, the byte
size data is first read in from the H'FFFF83F0 register of AD0 and that data is written to the on-
chip memory address H'FFFFF001. Because a byte size transfer was performed, the SAR and
DAR values at this point are H'FFFF83F1 and H'FFFFF001, respectively. Also, because this is a
burst transfer, the bus rights remain secured, so continuous data transfer is possible.
When four transfers are completed, if the address reload is off, execution continues with the fifth
and sixth transfers and the SAR value continues to increment from H'FFFF83F3 to H'FFFF83F4 to
H'FFFF83F5 and so on. However, when the address reload is on, the DMAC transfer is halted
upon completion of the fourth one and the bus right request signal to the CPU is cleared. At this
time, the value stored in SAR is not H'FFFF83F3–H'FFFF83F4, but H'FFFF83F3–H'FFFF83F0, a
return to the initially established address. The DAR value always continues to be decremented
regardless of whether the address reload is on or off.
The DMAC internal status, due to the above operation after completion of the fourth transfer, is
indicated in table 11.10 for both address reload on and off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com