Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 299Page - Renesas Technology Corp SH7041A Datasheet HTML 300Page - Renesas Technology Corp SH7041A Datasheet HTML 301Page - Renesas Technology Corp SH7041A Datasheet HTML 302Page - Renesas Technology Corp SH7041A Datasheet HTML 303Page - Renesas Technology Corp SH7041A Datasheet HTML 304Page - Renesas Technology Corp SH7041A Datasheet HTML 305Page - Renesas Technology Corp SH7041A Datasheet HTML 306Page - Renesas Technology Corp SH7041A Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 923 page
background image
265
When the processing of a one unit transfer is complete. In a dual address mode direct address
transfer, even if an address error occurs or the NMI flag is set during read processing, the
transfer will not be halted until after completion of the following write processing. In such a
case, SAR, DAR, and TCR values are updated. In the same manner, the transfer is not halted in
dual address mode indirect address transfers until after the final write processing has ended.
• When DME is cleared to 0 in DMAOR: Clearing the DME bit to 0 in the DMAOR aborts the
transfers on all channels. The TE bit is not set.
11.3.13
DMAC Access from CPU
The space addressed by the DMAC is 3-cycle space. Therefore, when the CPU becomes the bus
master and accesses the DMAC, a minimum of three basic clock (CLK) cycles are required for
one bus cycle. Also, since the DMAC is located in word space, while a word-size access to the
DMAC is completed in one bus cycle, a longword-size access is automatically divided into two
word accesses, requiring two bus cycles (six basic clock cycles). These two bus cycles are
executed consecutively; a different bus cycle is never inserted between the two word accesses.
This applies to both write accesses and read accesses.
11.4
Examples of Use
11.4.1
Example of DMA Transfer between On-Chip SCI and External Memory
In this example, on-chip serial communication interface channel 0 (SCI0) received data is
transferred to external memory using the DMAC channel 3.
Table 11.7 indicates the transfer conditions and the setting values of each of the registers.
Table 11.7
Transfer Conditions and Register Set Values for Transfer between On-Chip
SCI and External Memory
Transfer Conditions
Register
Value
Transfer source: RDR0 of on-chip SCI0
SAR3
H'FFFF81A5
Transfer destination: external memory
DAR3
H'00400000
Transfer count: 64 times
DMATCR3
H'00000040
Transfer source address: fixed
CHCR3
H'00004D05
Transfer destination address: incremented
Transfer request source: SCI0 (RDR0)
Bus mode: cycle steal
Transfer unit: byte
Interrupt request generation at end of transfer
Channel priority ranking: 0
> 1 > 2 > 3
DMAOR
H'0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com