Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1190AACBZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1190AACBZ-R7
Description  Integrated 500 mA Load Switch with Quad Signal Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1190AACBZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1190AACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADP1190A
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
GND
Ground.
B1
EN
Enable Input, Active Low.
C1
IN
Input Voltage.
D1
OUT
Load Switch Output Voltage.
A2
T1
Channel 1 Analog Switch. Connect Pin A2 to the SIM card socket (has active discharge).
B2
T2
Channel 2 Analog Switch. Connect Pin B2 to the SIM card socket (has active discharge).
C2
T3
Channel 3 Analog Switch. Connect Pin C2 to the SIM card socket (has active discharge).
D2
T4
Channel 4 Analog Switch. Connect Pin D2 to the SIM card socket (has active discharge).
A3
S1
Channel 1 Analog Switch. Connect Pin A3 to the microcontroller.
B3
S2
Channel 2 Analog Switch. Connect Pin B3 to the microcontroller.
C3
S3
Channel 3 Analog Switch. Connect Pin C3 to the microcontroller.
D3
S4
Channel 4 Analog Switch. Connect Pin D3 to the microcontroller.
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
ADP1190A
GND
T1
S1
EN
T2
S2
IN
T3
S3
OUT
T4
S4
1
A
B
C
D
2
3
Rev. 0 | Page 5 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com