Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1190AACBZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1190AACBZ-R7
Description  Integrated 500 mA Load Switch with Quad Signal Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1190AACBZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1190AACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADP1190A
THEORY OF OPERATION
The ADP1190A is a high-side load switch integrated with four
signal switches. The load switch and signal switches are turned
on by a low signal on the EN pin. When the device is disabled,
the T1 to T4 pins are actively pulled down with a nominal
resistance of 215 Ω. There is a 5 ms debounce counter on EN
for use with a mechanical EN switch. That is, hold EN low for
5 ms before the device is enabled. If EN transitions high before
this timeout, the counter is reset and starts a new 5 ms count.
The signal paths are N-channel MOSFETs with 3 Ω on resistance.
Break-before-make logic control ensures that the active pull-down
is off before the signal path is enabled.
The ADP1190A also has an internal charge pump that provides
a regulated voltage at the gates of the N-channel MOSFETs,
resulting in a more stable signal switch on resistance over
different input voltages and temperature.
Figure 21. Block Diagram with ESD Protection Devices
S1
S2
S3
S4
IN
5ms
DEBOUNCE
LOAD
SWITCH
ADP1190A
CHARGE
PUMP
EN
T1
T2
T3
T4
OUT
GND
ON
OFF
Rev. 0 | Page 9 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com