Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1190AACBZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1190AACBZ-R7
Description  Integrated 500 mA Load Switch with Quad Signal Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1190AACBZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1190AACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP1190A
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 1.8 V, VEN = VIN, ILOAD = 200 mA, CIN = COUT = 1 µF, TA = 25°C, unless otherwise noted.
Figure 4. Load Switch RDSON vs. Input Voltage (VIN) for Different Load
Currents
Figure 5. Load Switch RDSON vs. Temperature for Different Load Currents,
VIN = 1.8 V
Figure 6. Load Switch RDSON vs. Temperature for Different Load Currents,
VIN = 3.6 V
Figure 7. Load Switch Voltage Drop vs. Load Current (ILOAD) for Different Input
Voltages
Figure 8. Signal Switch RDSON vs. Signal Switch Voltage, Different Input
Voltages
Figure 9. Signal Switch RDSON vs. Signal Switch Voltage for Various
Temperatures, VIN = 1.4 V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
1.2
1.6
2.0
2.4
2.8
3.2
3.6
VIN (V)
5mA
10mA
50mA
100mA
250mA
500mA
0
0.02
0.04
0.06
0.08
0.10
0.12
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
10mA
50mA
100mA
250mA
500mA
0
0.02
0.04
0.06
0.08
0.10
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
10mA
50mA
100mA
250mA
500mA
0
10
20
30
40
50
60
70
10
100
1000
ILOAD (mA)
1.4V
1.5V
1.6V
1.8V
2.0V
2.4V
2.8V
3.0V
3.3V
3.6V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
SIGNAL SWITCH VOLTAGE (V)
1.4V
1.6V
1.8V
2.2V
3.6V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
SIGNAL SWITCH VOLTAGE (V)
–40°C
–5°C
+25°C
+55°C
+85°C
Rev. 0 | Page 6 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com