Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1190AACBZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1190AACBZ-R7
Description  Integrated 500 mA Load Switch with Quad Signal Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1190AACBZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1190AACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated 500 mA Load Switch
with Quad Signal Switch
Data Sheet
ADP1190A
FEATURES
Low input voltage range: 1.4 V to 3.6 V
Load switch
Low RDSON_L of 65 mΩ at 3.6 V
500 mA continuous operating current
4 SPST normally open signal switches
RDSON_S of 3 Ω at 1.8 V
Internal charge pump for constant signal switch RDSON
Output discharge resistance (RDIS): 215 Ω at the output side
of the load switch and each analog signal switch output
Built-in level shift for control logic that can operate by
a 1.2 V logic
Ultralow shutdown current: 0.7 µA
Ultrasmall 1.2 mm × 1.6 mm × 0.5 mm, 12-ball,
0.4 mm pitch WLCSP
APPLICATIONS
Mobile phones
SIM card disconnect switches
Digital cameras and audio devices
Portable and battery-powered equipment
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADP1190A is an integrated high-side load switch with four
signal switches designed for operation from 1.4 V to 3.6 V. This
load switch provides power domain isolation for extended power
battery life. The load switch is a low on-resistance P-channel
MOSFET that supports up to 500 mA of continuous load
current and minimizes power loss. Integrated with the load
switch are four normally open, 3 Ω single pole, single throw
(SPST) signal switches controlled by the charge pump.
Beyond its excellent operating performance, the ADP1190A
occupies minimal printed circuit board (PCB) space with an
area less than 1.92 mm2 and a height of 0.50 mm. The ADP1190A
is available in an ultrasmall 1.2 mm × 1.6 mm × 0.5 mm, 12-ball,
0.4 mm pitch WLCSP.
S1
S2
S3
S4
IN
5ms
DEBOUNCE
LOAD
SWITCH
ADP1190A
CHARGE
PUMP
EN
T1
T2
T3
T4
OUT
GND
ON
OFF
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADP1190AACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1190ACBZ-R7 AD-ADP1190ACBZ-R7 Datasheet
329Kb / 12P
Integrated 500 mA Load Switch with Quad Signal Switch
REV. 0
More results

Similar Description - ADP1190AACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
Integrated Load Switch
SI3861DV FAIRCHILD-SI3861DV Datasheet
120Kb / 4P
Integrated Load Switch
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
Integrated Load Switch
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
Integrated Load Switch
logo
Analog Devices
ADP1190 AD-ADP1190 Datasheet
329Kb / 12P
Integrated 500 mA Load Switch with Quad Signal Switch
REV. 0
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
Integrated Load Switch
October-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com