Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1190AACBZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1190AACBZ-R7
Description  Integrated 500 mA Load Switch with Quad Signal Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1190AACBZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1190AACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADP1190A
Figure 10. Signal Switch RDSON vs. Signal Switch Voltage for Various
Temperatures, VIN = 1.8 V
Figure 11. Signal Switch RDSON vs. Signal Switch Voltage for Various
Temperatures, VIN = 3.6 V
Figure 12. Ground Current vs. Input Voltage (VIN) for Different Load Currents
Figure 13. Ground Current vs. Temperature for Different Load Currents,
VIN = 1.8 V
Figure 14. Ground Current vs. Temperature for Different Load Currents,
VIN = 3.6 V
Figure 15. No Load Ground Current vs. Input Voltage (VIN) for Various
Temperatures
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
SIGNAL SWITCH VOLTAGE (V)
–40°C
–5°C
+25°C
+55°C
+85°C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
SIGNAL SWITCH VOLTAGE (V)
–40°C
–5°C
+25°C
+55°C
+85°C
0.1
0.6
1.1
1.6
2.1
2.6
3.1
3.6
0
5
10
15
20
25
1.2
1.6
2.0
2.4
2.8
3.2
3.6
VIN (V)
5mA
10mA
50mA
100mA
250mA
500mA
0
5
10
15
20
25
30
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
10mA
50mA
100mA
250mA
500mA
0
5
10
15
20
25
30
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
10mA
50mA
100mA
250mA
500mA
0
5
10
15
25
20
30
1.2
1.6
2.0
2.4
2.8
3.2
3.6
VIN (V)
–40°C
–5°C
+25°C
+55°C
+85°C
Rev. 0 | Page 7 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com