Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1190AACBZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1190AACBZ-R7
Description  Integrated 500 mA Load Switch with Quad Signal Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1190AACBZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1190AACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP1190AACBZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADP1190A
Data Sheet
Figure 16. Shutdown Current vs. Temperature for Different Input Voltages
Figure 17. Typical Turn-On Delay Time, VIN = 1.8 V, 50 mA Load
Figure 18. Typical Turn-On Delay Time, VIN = 3.6 V, 100 mA Load
Figure 19. Enable Debounce Behavior, VIN = 1.8 V
Figure 20. Enable Debounce Behavior, VIN = 3.6 V
–100
0
100
200
300
400
500
600
700
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
1.4V
1.5V
1.6V
1.8V
2.0V
2.4V
2.8V
3.0V
3.3V
3.6V
CH1 2.0V BW
CH3 1.0V BW
CH2 1.0V BW
M1.0ms
A CH1
880mV
T 10.80%
1
2
3
T
T1
VOUT
EN
CH1 2.0V BW
CH3 2.0V BW
CH2 2.0V BW
M1.0ms
A CH2
1.08V
T 65.40%
1
2
3
T
T1
VOUT
EN
CH1 1.0V BW
CH3 2.0V BW
M2.0ms
A CH1
40.0mV
T 10.40%
1
3
T
VOUT
EN
CH1 1.0V BW
CH3 2.0V BW
M2.0ms
A CH1
1.08V
T 10.00%
1
3
T
VOUT
EN
Rev. 0 | Page 8 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com