Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM586 Datasheet(PDF) 22 Page - OKI electronic componets

Part # MSM586
Description  Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM586 Datasheet(HTML) 22 Page - OKI electronic componets

Back Button MSM586 Datasheet HTML 16Page - OKI electronic componets MSM586 Datasheet HTML 17Page - OKI electronic componets MSM586 Datasheet HTML 18Page - OKI electronic componets MSM586 Datasheet HTML 19Page - OKI electronic componets MSM586 Datasheet HTML 20Page - OKI electronic componets MSM586 Datasheet HTML 21Page - OKI electronic componets MSM586 Datasheet HTML 22Page - OKI electronic componets MSM586 Datasheet HTML 23Page - OKI electronic componets MSM586 Datasheet HTML 24Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22/24
¡ Semiconductor
MSM66585/586/587/P587/Q587
A/D Converter Characteristics
Recommended Circuit
Linearity error
Symbol
Units
Conditions
Item
Min
Differential linearity error
Zero scale error
Full scale error
Conversion time
EL
EFS
LSB
(Ta=–30 to +70°C, VDD=VREF=5V±10%, AGND=GND=0V, fOSC=20MHz)
Resolution
Refer to the recommended
circuit
Analog input source
impedance
RI£5kW
tCONV=19.2msec
Typ
Max
8—
ms/CH
Bit
6.4
19.2
n
ED
EZS
tCONV
by ADTM set data
±2
±1
+2
–2
A/D Converter Characteristics
Linearity error
Symbol
Units
Conditions
Item
Min
Differential linearity error
Zero scale error
Full scale error
Conversion time
EL
EFS
LSB
(Ta=–30 to +70°C, VDD=VREF=3V±10%, AGND=GND=0V, fOSC=10MHz)
Resolution
Refer to the recommended
circuit
Analog input source
impedance
RI£5kW
tCONV=38.4msec
Typ
Max
8—
ms/CH
Bit
38.4
n
ED
EZS
tCONV ADTM=00b (384CLK selection)
±1
±0.5
+1
–1
Reference
Voltage
+
Analog Voltage
CI
0.1
mF
47
mF
+
VREF
AI0~
AI3
AGND
GND
VDD
0.1
mF
47
mF
+
+5V
0V
RI (analog input source impedance) £ 5kW
Cl = 0.1 mF
RI
0.1
mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com